Part Number Hot Search : 
NCP1252A LV8412GR LSOYB DDZ9V1C 2011A 00113 4K9FKE3 AAT4292
Product Description
Full Text Search
 

To Download NTE15021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15012 & NTE15018 thru NTE15021 Integrated Circuit TV Fixed Voltage Regulator
Features: D Triple Diffused Darlington Transistor Chips Incorporated D Compact Plastic Package with Indistry Standard Reliability D Output Voltage is Pre-Fixed - No External Adjustment is Required Absolute Maximum Ratings: Peak Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Output Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation (TC = +100C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40W Maximum Power Transistor Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Temperature Range (TC), Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Electrical Characteristics: (TA = +25C unles otherwise specified)
Parameter Output Voltage NTE15018 NTE15021 NTE15020 NTE15019 NTE15012 Load Regulation Output Voltage Temperature Coefficient Input-Output Saturation Voltage Input-Output Voltage DC Current Gain Overload Capacity Power Transistor Thermal Resistance Input-Output Cutoff Current Output-Base Reverse Current Capacity VCEO hFE TS/B RthJC ICEO VLOAD IO = 250mA to 500mA VIN = VAC, IO = 500mA, TC = -20 to +100C VCE(sat) IC = 1A, IB = 0 ICEO = 10mA, IB = 0 IC = 1A, VCE = 4V VCE = 100V, IC = 1A Between Junction and Stem Upper Surface VCE = 200V, Open (Between Pin1 & Pin2) Symbol VOUT Test Conditions VAC = 100V, IIn = 6mA VAC = 120V, IIn = 7mA Min 114 122 124 129 134 - - - 200 1500 1.0 - - 300 Typ 115 123 125 130 135 1 7 - - - - 1.25 - - Max 116 124 126 131 136 - - 1.5 - 6500 - - 100 - sec C/W A mA Unit V V V V V V mV/C V V
IEB(S/B) t = 65msec (Between Emitter-Base)
Note 1. Recommended Case Temperature: Topr(TC) = +100C.
Pin Connection Diagram (Front View)
5 No Pin 4 Output 3 Common (-) 2 Base 1 Input/Case
1.410 (36.0) .960 (24.4)
.236 (6.0) Max
.834 (21.2) 1 2 3 4 5 .177 (4.5) .708 (18.0)
.214 (5.45)
.039 (1.0)
.023 (0.6)


▲Up To Search▲   

 
Price & Availability of NTE15021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X